Part Number Hot Search : 
1053QA5 CM103 MN6025A P50B60PD IRG4BC15 TSOP2 PT50S81 BDW47G
Product Description
Full Text Search
 

To Download HD74LVC16241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LVC16241
16-bit Buffers / Line Drivers with 3-state Outputs
ADE-205-073B(Z) 3rd Edition November 1995 Description
The HD74LVC16241 has sixteen buffer drivers with three state outputs in a 48 pin package. This device is a non inverting buffer and has two active low enables (1G, 4G), high enables (2G, 3G). Each enable independently controls four buffers. Low voltage and high speed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.
Features
* * * * * VCC = 2.0 V to 5.5 V All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25C) Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25C) High output current 24 mA (@VCC = 3.0 V to 5.5 V)
Function Table
Inputs G H L L H: L: X: Z: High level Low level Immaterial High impedance G L H H A X H L Output Y Z H L
HD74LVC16241
Pin Arrangement
1G 1 1Y1 2 1Y2 3 GND 4 1Y3 5 1Y4 6 VCC 7 2Y1 8 2Y2 9 GND 10 2Y3 11 2Y4 12 3Y1 13 3Y2 14 GND 15 3Y3 16 3Y4 17 VCC 18 4Y1 19 4Y2 20 GND 21 4Y3 22 4Y4 23 4G 24
48 2G 47 1A1 46 1A2 45 GND 44 1A3 43 1A4 42 VCC 41 2A1 40 2A2 39 GND 38 2A3 37 2A4 36 3A1 35 3A2 34 GND 33 3A3 32 3A4 31 VCC 30 4A1 29 4A2 28 GND 27 4A3 26 4A4 25 3G
(Top view)
2
HD74LVC16241
Absolute Maximum Ratings
Item Supply voltage range Input diode current Input voltage Output diode current Symbol VCC I IK VI I OK Ratings -0.5 to 6.0 -50 -0.5 to 6.0 -50 50 Output voltage Output current VCC, GND current / pin Storage temperature VO IO I CC or IGND Tstg -0.5 to VCC +0.5 50 100 -65 to +150 Unit V mA V mA mA V mA mA C VO = -0.5 V VO = VCC +0.5 V VI = -0.5 V Conditions
Note: The absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply voltage Symbol VCC Rating 1.5 to 5.5 2.0 to 5.5 Input / output voltage VI VO Operating temperature Output current Ta I OH 0 to 5.5 0 to V CC -40 to 85 -12 -24 I OL
*1 *2
Unit V V V V C mA mA mA mA ns/V
Conditions Data retention At operation G, G, A Y
VCC = 2.7 V VCC = 3.0 V to 5.5 V VCC = 2.7 V VCC = 3.0 V to 5.5 V
12 24
*2
Input rise / fall time
t r, t f
10
Notes: 1. This item guarantees maximum limit when one input switches. Waveform : Refer to test circuit of switching characteristics. 2. duty cycle 50%
3
HD74LVC16241
Electrical Characteristics
Ta = -40 to 85C Item Input voltage Symbol VCC(V) VIH 2.7 to 3.6 4.5 to 5.5 VIL 2.7 to 3.6 4.5 to 5.5 Output voltage VOH 2.7 to 5.5 2.7 3.0 3.0 4.5 VOL 2.7 to 5.5 2.7 3.0 4.5 Input current Off state output current Quiescent supply current I IN I OZ I CC I CC 0 to 5.5 5.5 5.5 3.0 to 3.6 Min 2.0 Max -- Unit V V V I OH = -100 A I OH = -12 mA Test Conditions
VCC x0.7 -- -- -- 0.8
VCC x0.3 V V V V V V V V V V A A A A VIN = 5.5 V or GND VIN = VCC, GND VOUT = VCC or GND VIN = VCC or GND VIN = one input at(VCC -0.6) V, other inputs at V CC or GND I OL = 100 A I OL = 12 mA I OL = 24 mA I OH = -24 mA
VCC -0.2 -- 2.2 2.4 2.0 3.8 -- -- -- -- -- -- -- -- -- -- -- -- 0.2 0.4 0.55 0.55 5.0 10 40 500
4
HD74LVC16241
Switching Characteristics
Ta = -40 to 85C Item Propagation delay time Symbol VCC (V) t PLH t PHL 2.7 3.30.3 5.00.5 Output enable time t ZH t ZL 2.7 3.30.3 5.00.5 Output disable time t HZ t LZ 2.7 3.30.3 5.00.5 Input capacitance Output capacitance CIN CO 2.7 2.7 Min -- 1.5 -- -- 1.5 -- -- 1.5 -- -- -- Typ 4.5 3.5 2.5 5.0 4.0 3.0 4.5 4.0 2.5 3.0 15.0 Max 7.5 6.5 5.0 9.0 8.0 7.0 8.5 7.5 7.0 -- -- Unit ns ns ns ns ns ns ns ns ns pF pF G, G Y G, G Y From (Input) To (Output) A Y
Test Circuit
VCC VCC
1G, 2G, 3G, 4G Input See function Table 1Y1 to 4Y4
Output 500 S1 CL = 50 pF 450 50 Scope OPEN See under table GND
*1
Pulse Generator Zout = 50
1A1 to 4A4
Symbol t PLH / t PHL t ZH/ t HZ t ZL / t LZ Note: 1. CL includes probe and jig capacitance.
S1
Vcc=2.7V, 3.30.3V Vcc=5.00.5V
OPEN GND 6V
OPEN GND 2xVcc
5
HD74LVC16241
Waveforms - 1
tr 90 % Input A Vref 10 % t PLH Vref 90 % Vref 10 % t PHL VOH Output Y Vref VOL Notes: 1. 2. t r = 2.5 ns, tf = 2.5 ns Input waveform : PRR = 10 MHz, duty cycle 50 % tf VIH GND
6
HD74LVC16241
Waveforms - 2
tf Input G 90 % Vref 10 % tr Input G 90 % Vref 10 % t ZL Waveform - A t ZH Waveform - B Vref Vref t HZ VOH - 0.3 V 90 % Vref 10 % t LZ V OH1 VOL + 0.3 V VOL VOH V OL1 TEST VIH Vref VOH1 VOL1 Notes: 1. 2. 3. 4.
Vcc=2.7V, 3.30.3V Vcc=5.00.5V
tr 90 % Vref 10 % tf VIH GND VIH GND
2.7 V 1.5 V 3V GND
Vcc 50%Vcc Vcc GND
t r = 2.5 ns, tf = 2.5 ns Input waveform : PRR = 10 MHz, duty cycle 50% Waveform - A shows input conditions such that the output is "L" level when enable by the output control. Waveform - B shows input conditions such that the output is "H" level when enable by the output control.
7
Unit: mm
5.00 5.30 Max 14 8 4.40 1 *0.22+0.08 -0.07 7 0.65 1.0 0.13 M 0.83 Max *0.17 0.05 0.15 0.04 1.10 Max 6.40 0.20 0 - 8 0.50 0.10 0.20 0.06
0.10
0.07 +0.03 -0.04
*Dimension including the plating thickness Base material dimension
Hitachi Code JEDEC EIAJ Weight (reference value)
TTP-14D -- -- 0.05 g
Cautions
1. Hitachi neither warrants nor grants licenses of any rights of Hitachi's or any third party's patent, copyright, trademark, or other intellectual property rights for information contained in this document. Hitachi bears no responsibility for problems that may arise with third party's rights, including intellectual property rights, in connection with use of the information contained in this document. 2. Products and product specifications may be subject to change without notice. Confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. Hitachi makes every attempt to ensure that its products are of high quality and reliability. However, contact Hitachi's sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. Design your application so that the product is used within the ranges guaranteed by Hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. Hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. Even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as failsafes, so that the equipment incorporating Hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the Hitachi product. 5. This product is not designed to be radiation resistant. 6. No one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from Hitachi. 7. Contact Hitachi's sales office for any questions regarding this document or Hitachi semiconductor products.
Hitachi, Ltd.
Semiconductor & Integrated Circuits. Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan Tel: Tokyo (03) 3270-2111 Fax: (03) 3270-5109
URL
NorthAmerica : http:semiconductor.hitachi.com/ Europe : http://www.hitachi-eu.com/hel/ecg Asia (Singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm Asia (Taiwan) : http://www.hitachi.com.tw/E/Product/SICD_Frame.htm Asia (HongKong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm Japan : http://www.hitachi.co.jp/Sicd/indx.htm For further information write to:
Hitachi Semiconductor (America) Inc. 179 East Tasman Drive, San Jose,CA 95134 Tel: <1> (408) 433-1990 Fax: <1>(408) 433-0223 Hitachi Europe GmbH Electronic components Group Dornacher Strae 3 D-85622 Feldkirchen, Munich Germany Tel: <49> (89) 9 9180-0 Fax: <49> (89) 9 29 30 00 Hitachi Europe Ltd. Electronic Components Group. Whitebrook Park Lower Cookham Road Maidenhead Berkshire SL6 8YA, United Kingdom Tel: <44> (1628) 585000 Fax: <44> (1628) 778322 Hitachi Asia Pte. Ltd. 16 Collyer Quay #20-00 Hitachi Tower Singapore 049318 Tel: 535-2100 Fax: 535-1533 Hitachi Asia Ltd. Taipei Branch Office 3F, Hung Kuo Building. No.167, Tun-Hwa North Road, Taipei (105) Tel: <886> (2) 2718-3666 Fax: <886> (2) 2718-8180 Hitachi Asia (Hong Kong) Ltd. Group III (Electronic Components) 7/F., North Tower, World Finance Centre, Harbour City, Canton Road, Tsim Sha Tsui, Kowloon, Hong Kong Tel: <852> (2) 735 9218 Fax: <852> (2) 730 0281 Telex: 40815 HITEC HX
Copyright ' Hitachi, Ltd., 1999. All rights reserved. Printed in Japan.


▲Up To Search▲   

 
Price & Availability of HD74LVC16241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X